Part Number Hot Search : 
107M0 MAG3110 1415924 5F120 TC9134P PG540010 WSD551H AM4407P
Product Description
Full Text Search
 

To Download APM1402SC-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
   
   ? 

    !"!##$  
 % 
    &    '   () ('  * (   " (   '     )  )   )')   

   ? power management in notebook computer, portable equipment and battery powered systems 
  
    n-channel mosfet apm1402 handling code temp. range package code package code s : sc-70 operating junction temp. range c : -55 to 150 c handling code tr : tape & reel lead free code l : lead free device blank : original device apm1402 s : 02 lead free code top view of sc-70 ? 20v/0.8a , r ds(on) =190m ? (typ.) @ v gs =4.5v r ds(on) =310m ? (typ.) @ v gs =2.5v ? ? ? ? ? super high dense cell design ? ? ? ? ? reliable and rugged ? ? ? ? ? lead free available (rohs compliant) d s g note: anpec lead-free products contain molding compounds/die attach materials and 100% matte in plate termina- tion finish; which are fully compliant with rohs and compatible with both snpb and lead-free soldiering operations. anpec lead-free products meet or exceed the lead-free requirements of ipc/jedec j std-020c for msl classifica- tion at lead-free peak reflow temperature.
  ? 

    !"!##$  
 !  
  !  (t a = 25 c unless otherwise noted) "
  #$  
  (t a = 25 c unless otherwise noted) symbol parameter rating unit v dss drain-source voltage 20 v gss gate-source voltage 8 v i d * continuous drain current 0.8 i dm * pulsed drain current v gs =4.5v 3 a i s * diode continuous forward current 0.3 a t j maximum junction temperature 150 t stg storage temperature range -55 to 150 c t a =25c 0.34 p d * maximum power dissipation t a =100c 0.13 w r ja * thermal resistance-junction to ambient 360 c/w note: *surface mounted on 1in 2 pad area, t 10sec.  apm1402s symbol parameter test condition min. typ. max. unit static characteristics bv dss drain-source breakdown voltage v gs =0v, i ds =250 a 20 v i dss zero gate voltage drain current v ds =16v, v gs =0v 1 a v gs(th) gate threshold voltage v ds =v gs , i ds =250 a 0.5 0.75 1.2 v i gss gate leakage current v gs =8v, v ds =0v 10 a v gs =4.5v, i ds =1.2a 190 250 r ds(on) a drain-source on-state resistance v gs =2.5v, i ds =0.6a 310 410 m ? v sd a diode forward voltage i sd =0.3a, v gs =0v 0.8 1.3 v dynamic characteristics b c iss input capacitance 131 c oss output capacitance 30 c rss reverse transfer capacitance v gs =0v, v ds =15v, frequency=1.0mhz 15 pf t d(on) turn-on delay time 5 10 t r turn-on rise time 8 12 t d(off) turn-off delay time 9.6 15 t f turn-off fall time v dd =15v, r l =15 ? , i ds =1a, v gen =10v, r g =6 ? 5 15 ns 
  ? 

    !"!##$  
 +  notes: a : pulse test ; pulse width 300 s, duty cycle 2 %. b : guaranteed by design, not subject to production testing. apm1402s symbol parameter test condition min. typ. max. unit gate charge characteristics b q g total gate charge 5.5 7.2 q gs gate-source charge 0.6 q gd gate-drain charge v ds =10v, v gs =4.5v, i ds =0.8a 0.84 nc  "
  #$  
 %# &' (t a = 25 c unless otherwise noted)
  ? 

    !"!##$  
 ,  1e-4 1e-3 0.01 0.1 10 100 0.01 0.1 1 2 mounted on 1in 2 pad r ja : 360 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 () #$  
  i d - drain current (a) drain current t j - junction temperature ( c) safe operation area v ds - drain - source voltage (v) thermal transient impedance square wave pulse duration (sec) power dissipation p tot - power (w) t j - junction temperature ( c) i d - drain current (a) 0 20406080100120140160 0.00 0.08 0.16 0.24 0.32 0.40 t a =25 o c 0 20406080100120140160 0.0 0.2 0.4 0.6 0.8 1.0 t a =25 o c, v g =4.5v normalized transient thermal resistance 0.1 1 10 50 0.01 0.1 1 5 rds(on) limit 1s t a =25 o c 10ms 300 s 1ms 100ms dc
  ? 

    !"!##$  
 $  r ds(on) - on - resistance ( ? ) drain-source on resistance i d - drain current (a) t j - junction temperature ( c) gate threshold voltage normalized threshold voltage v ds - drain - source voltage (v) i d - drain current (a) output characteristics transfer characteristics v gs - gate - source voltage (v) i d - drain current (a) () #$  
 %# &' 012345 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 v gs =2.5v v gs =4.5v 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 1 2 3 4 5 t j =125 o c t j =25 o c t j =-55 o c -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i ds =250 a 012345 0 1 2 3 4 5 2.5v 1.5v 2v 3v v gs = 4, 5, 6, 7, 8, 9, 10v
  ? 

    !"!##$  
 -  v ds - drain - source voltage (v) drain-source on resistance normalized on resistance t j - junction temperature ( c) c - capacitance (pf) v sd - source - drain voltage (v) source-drain diode forward i s - source current (a) capacitance gate charge q g - gate charge (nc) v gs - gate-source voltage (v) () #$  
 %# &' -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r on @tj = 25 c : 190m ? v gs = 4.5v i ds = 0.8a 0.0 0.4 0.8 1.2 1.6 2.0 0.1 1 5 t j =150 o c t j =25 o c 0 4 8 121620 0 50 100 150 200 250 frequency=1mhz crss coss ciss 01234567 0 1 2 3 4 5 v ds = 10v i ds = 0.8a
  ? 

    !"!##$  
 .      dimensions in millimeters dimensions in inches symbol min. max. min. max. a 0.900 1.100 0.035 0.043 a1 0.000 0.100 0.000 0.004 a2 0.900 1.000 0.035 0.039 b 0.200 0.400 0.008 0.016 c 0.080 0.150 0.003 0.006 d 2.000 2.200 0.079 0.087 e 1.150 1.350 0.045 0.053 e1 2.150 2.450 0.085 0.096 e 0.650typ 0.026typ e1 1.200 1.400 0.047 0.055 l 0.525ref 0.021pef l1 0.260 0.460 0.010 0.018 0 8 0 8 sc-70 e e1 d b e1 a2 a a1 e l c l1 0.20 
  ? 

    !"!##$  
 /  terminal material solder-plated copper (solder material : 90/10 or 63/37 snpb), 100%sn lead solderability meets eia specification rsi86-91, ansi/j-std-002 category 3.  t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 temperature time critical zone t l to t p  !
*#  (ir/convection or vpr reflow) #  !
*
 $) 
  sn-pb eutectic assembly pb-free assembly profile feature large body small body large body small body average ramp-up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat  temperature min (tsmin)  temperature mix (tsmax)  time (min to max)(ts) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds tsmax to t l - ramp-up rate 3 c/second max tsmax to t l  temperature(t l )  time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(tp) 225 +0/-5 c 240 +0/-5 c 245 +0/-5 c 250 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 10-30 seconds 10-30 seconds 20-40 seconds ramp-down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note: all temperatures refer to topside of the package. measured on the body surface.
  ? 

    !"!##$  
 0  # 
( 
+!

 a j b t2 t1 c t ao e w po p ko bo d1 d f p1 test item method description solderability mil-std-883d-2003 245 c,5 sec holt mil-std 883d-1005.7 1000 hrs bias @ 125 c pct jesd-22-b, a102 168 hrs, 100% rh, 121 c tst mil-std 883d-1011.9 -65 c ~ 150 c, 200 cycles !
  )(
   application a b c j t1 t2 w p e 178 1 14.4 0.4 13.0 + 0.2 1.15 0.1 12. 0.2 2.8 0.2 8.0+ 0.3 - 0.1 4 0.1 1.75 0.1 f d d1 po p1 ao bo ko t sc-70 3.5 0.05 1.55 0.05 1.00 +0.25 4.0 0.1 2.0 0.05 2.4 0.1 2.4 0.1 1.19 0.1 0.25 0.013 
  ? 

    !"!##$  
 %#  #  

,
anpec electronics corp. head office : 5f, no. 2 li-hsin road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 7f, no. 137, lane 235, pac chiao rd., hsin tien city, taipei hsien, taiwan, r. o. c. tel : 886-2-89191368 fax : 886-2-89191369 #,
( 

 application carrier width cover tape width devices per reel sc- 70 8 5.3 3000 


▲Up To Search▲   

 
Price & Availability of APM1402SC-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X